Part Number Hot Search : 
T3963240 L113GDT LM235D EPS13 T8203250 UFM202 495040 20N50F
Product Description
Full Text Search
 

To Download 595-11-304-11-005426 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ball grid arrays for .050? grid male pin adapters & female socket www.mill-max.com   516-922-6000 112 series 587, 582 for bga mount adapter pins for bga female socket 2 7 8 ? bga adapter/socket systems are a reliable way to make bgas pluggable, they may also be used as a high density board-to-board interconnect. ? the bga device is soldered to a 8737/4048 adapter (or a 4098/4054 adapter is soldered to a pcb); and then either one can be plugged into a 8214 surface mount socket. ? both socket and adapter have the same footprint as the bga device. ? insertion force is .40n per pin for standard pins 8737/4098. tapered ez-in pins 4048/4054 reduce insertion force to only .08n, and are recommended for pin counts greater than 500. a pry-bar tool (part #828-01-010) is available for extraction. ? insulator material is fr-4 epoxy having a tce to match the bga device and circuit board. ? mill-max offers the option of having the solder surfaces of the 4098/4054 adapters and 8214 socket pre-tinned. .034 dia. .018 dia. .034 dia. .016 dia. .013 dia. .127 .062 .068 .043 dia. .036 dia. .022 dia. .024 .062 .115 .140 ordering information series plating window 8 1 0 4 7 code - - -- no. of pins grid size pattern # determined from footprint pattern pages 113 to 115 3 specify plating code xx= sleeve (pin) contact (clip) 11 10 ?au 10 ?au series plating window 1 1 4 4 code - --- no. of pins grid size pattern # determined from footprint pattern pages 113 to 115 1 plating code xx= pin plating 10 10 ?au bga mount adapter pins 5 0 4 1 0 4 8 - - -- 4 5 for pcb mount standard adapter pin 0 4 1 0 4 8 - - -- 9 5 7 9 1 0 4 6 - - -- 1 5 for pcb mount ez-in adapter pin 0 4 1 0 4 4 - - -- 5 5 7 9 1 0 4 0 - - -- 3 5 5 5 9 1 1 4 6 - --- 2 5 pre- tinned pre- tinned ez-in pin stan- dard pre- tinned .022 dia. .034 dia. .018 dia. .062 .127 .091 .023 .022 dia. .034 dia. .016 dia. .013 dia. .062 .127 .091 .023 standard pin #8737 ez-in pin #4048 pcb mount standard adapter pin #4098 pcb mount ez-in adapter pin #4054 smt receptacle type #8214


▲Up To Search▲   

 
Price & Availability of 595-11-304-11-005426

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X